PART |
Description |
Maker |
CG213U016U3C CG3250T400V4C CG502U050U3C CG501U150R |
Reliable Screw Terminal Aluminum Electrolytic Capacitor
|
Cornell Dubilier Electr...
|
0161-H-ABC0-D-EG |
IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
0161-Y-H-ABC0-D-EG |
IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
6049 |
IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
6063 6063-H-ABC0-D-E |
IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal
|
Schurter Inc.
|
CGO502M055L CGO273M020L CGO273M7R5L CGO103M016L CG |
Ultra Low ESR Screw Terminal Aluminum Electrolytic Extremely Low ESR, Low Voltage, Screw Terminal Capacitors
|
Cornell Dubilier Electronics
|
1553160000 |
Terminal Block; Number of Positions:6; Pitch Spacing:0.2"; Wire Size (AWG):26-12; Mounting Type:PC Board; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Screw Clamp 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
0387200210 72110 |
9.53mm (.375) Pitch Beau?/a> PCB Terminal Strip, Screw Terminal, 10 Circuits 9.53mm (.375) Pitch Beau PCB Terminal Strip, Screw Terminal, 10 Circuits
|
Molex Electronics Ltd.
|
0128360000 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 36 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
CGR113T075X3L CGR213U020V3L CGR213U050W4L CGR312T0 |
105 ?? High Temp Screw Terminal Aluminum Electrolytic 105 ?C High Temp Screw Terminal Aluminum Electrolytic 105 ?C High Temp Screw Terminal Aluminum Electrolytic 105 ?C High Temp Screw Terminal Aluminum Electrolytic 105 垄陋C High Temp Screw Terminal Aluminum Electrolytic
|
http:// Cornell Dubilier Electronics Cornell Dubilier Electr...
|
1011200000 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp; External Width:35mm; Voltage Rating, AC:800V RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
EEGTA2W103H EEGTA2W103J EEGTA2W123J EEGTA2W272G EE |
Screw Terminal Type
|
Panasonic Semiconductor
|